Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download Z1SMA200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power 1.0 w z1sma6v2 ........ Z1SMA200 1.0 w surface mounted glass passivated zener diode glass passivated junction the plastic material carries u/l 94 v-0 low profile package easy pick and place high temperature soldering 260 ? 10 sec dimensions in mm. case: sma/do-214ac maximum ratings and electrical characteristics at 25 c p tot mechanical data terminals: solder plated, solderable per iec 68-2-20. standard packaging: 4 mm. tape (eia-rs-481). weight: 0.064 g. pcb epoxy-glass path 1.5 mm power dissipation at tamb = 50 ? r th j-a = 125 ?/w t j operating temperature range t stg storage temperature range v f max. forward voltage drop at i f = 0.5 a other voltages upon request 1.0 w - 65 to + 175 ? p tot power dissipation at tamb = 100 ? r th j-a = 25 ?/w 3.0 w - 65 to + 175 ? 1.0 v r th j-c 25 ?/w r th j-a pcb epoxy-glass path 5 x 10 mm ceramic plate (al 2 o 3 ) path 5 x 10 mm 150 ?/w 125 ?/w 100 ?/w 2.0 4.2
z1sma jun - 03 type (?) (v) zener (1) voltage range v z at i zt (ma) (v) test current i r v r (ma) max regulator current at 45 ? i zm ( w ) maximum zener impedance z zt at i zt max reverse leakage current i zt typical temperature coeficient at i zt (% / ?) marking code (1) tested with pulses. pulse test: tp 50 ms; d < 2% @ z1sma6v2 ec 5.8-6.6 2 +0.025 100 5 3 161 z1sma6v8 ee 6.4-7.2 2.5 +0.035 100 5 4 147 z1sma7v5 ed 7.0-7.9 3 +0.035 100 5 5 133 z1sma8v2 ef 7.7-8.7 3.5 +0.055 100 5 6 122 z1sma9v1 eg 8.5-9.6 4 +0.055 50 5 7 110 z1sma10 eh 9.4-10.6 4 +0.070 50 1 7.5 105 z1sma11 ek 10.4-11.6 7 +0.075 50 1 8.2 97 z1sma12 el 11.4-12.7 7 +0.075 50 1 9.1 88 z1sma13 em 12.4-14.1 10 +0.075 50 1 10 79 z1sma15 en 13.8-15.8 10 +0.075 50 1 11 71 z1sma16 ep 15.3-17.1 15 +0.085 25 1 12 66 z1sma18 eq 16.8-19.1 15 +0.085 25 1 13 62 z1sma20 er 18.8-21.2 15 +0.085 25 1 15 56 z1sma22 es 20.8-23.3 15 +0.085 25 1 16 52 z1sma24 et 22.8-25.6 15 +0.085 25 1 18 47 z1sma27 eu 25.1-28.9 15 +0.085 25 1 20 41 z1sma30 ev 28-32 15 +0.085 25 1 22 36 z1sma33 ew 31-35 15 +0.085 25 1 24 33 z1sma36 ex 34-38 40 +0.085 10 1 27 30 z1sma39 ey 37-41 40 +0.085 10 1 30 28 z1sma43 ez 40-46 45 +0.095 10 1 33 26 z1sma47 fd 44-50 45 +0.095 10 1 36 23 z1sma51 ff 48-54 60 +0.095 10 1 39 21 z1sma56 fg 52-60 60 +0.095 10 1 43 19 z1sma62 fh 58-66 80 +0.105 10 1 47 16 z1sma68 fk 64-72 80 +0.105 10 1 51 15 z1sma75 fl 70-80 100 +0.105 10 1 56 14 z1sma82 fm 77-87 100 +0.105 10 1 62 12 z1sma91 fn 85-96 200 +0.110 5 1 68 10 z1sma100 fp 94-106 200 +0.110 5 1 75 9.4 z1sma110 fq 104-116 250 +0.110 5 1 82 8.6 z1sma120 fr 114-127 250 +0.110 5 1 91 7.8 z1sma130 fs 124-141 300 +0.110 5 1 100 7.0 z1sma150 ft 138-156 300 +0.110 5 1 110 6.4 z1sma160 fu 153-171 350 +0.110 5 1 120 5.8 z1sma180 fv 168-191 400 +0.110 5 1 130 5.2 Z1SMA200 fw 188-212 500 +0.110 5 1 150 4.7
1000 100 10 1.0 z1sma rating and characteristic curves i zt , zener test current (ma) 500 typical zener impedance


▲Up To Search▲   

 
Price & Availability of Z1SMA200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X